Electronic Components Datasheet Search
  English  ▼

X  

SSM9918H Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9918H
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9918H Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9918H Datasheet HTML 1Page - Silicon Standard Corp. SSM9918H Datasheet HTML 2Page - Silicon Standard Corp. SSM9918H Datasheet HTML 3Page - Silicon Standard Corp. SSM9918H Datasheet HTML 4Page - Silicon Standard Corp. SSM9918H Datasheet HTML 5Page - Silicon Standard Corp. SSM9918H Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM9918H,J
N-CHANNEL ENHANCEMENT-MODE
POWER MOSFET
Low on-resistance
BV DSS
20V
Capable of 2.5V gate drive
R DS(ON)
14mΩ
Low drive current
I D
45A
Surface mount package
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=125℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
2.6
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
℃/W
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
48
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.38
Continuous Drain Current, VGS @ 4.5V
20
Pulsed Drain Current
1
140
Gate-Source Voltage
Continuous Drain Current, VGS @ 4.5V
45
Parameter
Rating
Drain-Source Voltage
20
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
± 12
G
D
S
TO-251(J)
G
D S
TO-252(H)
G
D
S
Rev.2.01 6/26/2003


Similar Part No. - SSM9918H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9915 SECOS-SSM9915 Datasheet
609Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9915H SSC-SSM9915H Datasheet
432Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9915J SSC-SSM9915J Datasheet
432Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9915K SSC-SSM9915K Datasheet
212Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
SSM9916H ETC1-SSM9916H Datasheet
407Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM9918H

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com