Electronic Components Datasheet Search
  English  ▼

X  

SSM9928GEO Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM9928GEO
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9928GEO Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM9928GEO Datasheet HTML 1Page - Silicon Standard Corp. SSM9928GEO Datasheet HTML 2Page - Silicon Standard Corp. SSM9928GEO Datasheet HTML 3Page - Silicon Standard Corp. SSM9928GEO Datasheet HTML 4Page - Silicon Standard Corp. SSM9928GEO Datasheet HTML 5Page - Silicon Standard Corp. SSM9928GEO Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.SiliconStandard.com
4 of 6
SSM9928(G)EO
Rev.2.01 12/06/2004
Fig 5. Maximum Drain Current vs.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=208
oC/W
t
T
0.02
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0.01
0
0.3
0.6
0.9
1.2
0
50
100
150
T c , Case Temperature (
o C)
0
1
2
3
4
5
6
25
50
75
100
125
150
T c , Case Temperature (
o C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com