Electronic Components Datasheet Search
  English  ▼

X  

1092 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1092
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1092 Datasheet(HTML) 2 Page - Schurter Inc.

  1092 Datasheet HTML 1Page - Schurter Inc. 1092 Datasheet HTML 2Page - Schurter Inc. 1092 Datasheet HTML 3Page - Schurter Inc. 1092 Datasheet HTML 4Page - Schurter Inc. 1092 Datasheet HTML 5Page - Schurter Inc. 1092 Datasheet HTML 6Page - Schurter Inc. 1092 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Power entry modules without line filter
092
www.schurter.com/pg05
Connectors
Config. Code
ProductConfigurator
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Type
Type
Configuration
key
protection class 1
X
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Terminals
Terminal L
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
connection to fuse holder
B
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Terminals
Terminal N
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
connection to fuse holder
B
SymbolssimilarasintableA
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Terminals
Terminal Ground
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
SymbolssimilarasintableA
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Terminal Fuseholder
Terminal Fuseholder
Configuration
key
solder terminal
1
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Style
Style
Configuration
key
flange with countersunk holes
1
flange with through holes
2
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Dimension X
Dimension "X"
Configuration
key
00
Thedimension"X"isdispalyedin(1/10mm).Thisinformationisalsovalidforthe
ordercode
1092
|-|H|-|A|B|C|N|-|D|-|E|G|O| = Features
Features
Configuration
key
dead cover
1
holder for 1 or 2 fuses (text legible, when inlet on top)
4
holder for 1 or 2 fuses (text legible, when inlet on bottom)
5
Variants
Config. Code
Description
Order Number
1092-X-BB88-A-1004
1092, IEC Power Entry Module C14, 70°C, version: 1, L: connection to fuse holder, N: connection to fuse holder, ground: blade
terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk holes,
dimension X: 00, features: holder for 1 or 2 fuses (text legible, when inlet on top),
4304.6112
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com