Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2
Description  LT10.7M Ceramic Filters for FM Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  LT10.7MS2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT10.7MS2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT10.7MS2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LT10.7MS2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
LT10.7MA5
A
Standard Marking Color
Center Frequency
Color
D:10.64MHz±30kHz
Black
B:10.67MHz±30kHz
Blue
A:10.70MHz±30kHz
Red
C:10.73MHz±30kHz
Orange
E:10.76MHz±30kHz
White
P
Part Number
Center Frequency color code
Package
LT10.7M Ceramic Filters for FM Receiver
Back to 1st Page - Chip Ceramic Filters - LTCS10.7M
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw
04 of 04
Part Number
LT10.7MA5
LT10.7MS2
LT10.7MS3
LT10.7MA5A10
LT10.7MS2A10
LT10.7MS3A10
LT10.7MJA10
LT10.7MA19
LT10.7MA20
LT10.7MHY
LT10.7MFP
Code
Center Frequency color code
A
10.70MHz±30kHz Red
B
10.67MHz±30kHz Blue
C
10.73MHz±30kHz Orange
D
10.64MHz±30kHz Black
E
10.76MHz±30kHz White
Code
Package
P
Bulks
TB
Tab Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com