Electronic Components Datasheet Search
  English  ▼

X  

DF758S16B Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # DF758S16B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF758S16B Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  DF758S16B Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF758S16B Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
05 of 19
DF-B Dielectric Filters
Dimensions (Unit: mm)
Typical Specifications
DF959
6.0
3.0
2.2
3.4
Unit: mm Tol: ±0.2
Part No.
Center
Frequency
(MHz)
Band Width
(MHz)
Insertion
Loss
(dB)max.
Ripple in
Band Width
(dB)max.
V.S.W.R
max.
Attenuation
(dB)min.(MHz)
DF650S30B
650
fo±15
2.5
0.5
1.5
19 at fo±64
DF700S20B
700
fo±10
2.5
0.5
1.5
19 at fo±64
DF710S08B
710
fo±4
5.0
0.5
1.5
35 at fo+100; 28 at fo+50
DF746S20B
746
fo±10
2.5
0.5
1.5
12 at fo-20
DF758S16B
758
fo±8
2.5
0.5
1.5
19 at fo±64
DF794S20B
794
fo±10
2.5
0.5
1.5
19 at fo±64
DF800S08B
800
fo±4
5.0
0.5
1.5
35 at fo+100; 28 at fo+50
DF836S20B
836
fo±10
2.5
0.5
1.5
19 at fo+52
DF850S08B
850
fo±4
5.0
0.5
1.5
30 at fo+100; 40 at fo-200
DF863S22B
863
fo±11
2.0
0.5
1.5
50 at fo-90; 20 at fo+90
DF875S24B
875
fo±12
2.3
0.5
1.5
30 at fo-70
DF903S09B
903
fo±4.5
3.5
0.5
1.5
34 at fo-64; 41 at fo+64
DF906S20B
906
fo±10
2.5
0.5
1.5
19 at fo±64
DF916S30B
916
fo±15
2.7
0.5
1.5
20.5 at fo±70
►1:Transmission Log Mag 10.0dB/Ref 0.00dB
2:Refection
SWR
0.2/ Ref
1.000
dB
10
1
-10
-20
-30
-40
-50
-60
-70
2:
Center 915.000MHZ
Span 400.000MHZ
3
2
2
2
1
3
1
1
Meas 1:Mkr1 915.000 MHz
-1.731dB
Meas 2:Mkr1 915.000 MHz
1.289
Typical Characteristic
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com