Electronic Components Datasheet Search
  English  ▼

X  

LT5.5MBP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LT5.5MBP
Description  LT MB Ceramic Filters for TV/VCR Stage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT5.5MBP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LT5.5MBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT5.5MBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT5.5MBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
LT MB Ceramic Filters for TV/VCR Stage
Ceramic Filters
for TV/VCR Stage
Ceramic Filters for TV/VCR Stage
(Murata SFE MB Compatible) 4.5 MHz ~ 6.5 MHz
Preview
Token utilizes the latest piezo filter technology enabling the most cost-effective designs in manufacturing LT
MB series. The ceramic filter is primarily designed for piezoelectric lines and conform to the RoHS directive
and Lead-free. Ceramic filters for TV/VCR stage LT MB series can be customed designs and tighter tolerances
available on request.
Application of ceramic filters specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements. Token ceramic filters can supply you high performance, high
quality and stability.
Token ceramic filters LT MB series are a high selectivity filter for 2 channel multi-sound TV. Features with
frequency adjustment-free, high performance and durability, and high selectivity.
Benefit Features
- Excellent spurious suppression characteristics within video signal band.
- Available 4 pass bandwidth variation to meet various requests.
- Low profile (H = 10.0mm max.).
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT5.5MBP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT5.5MB ETC2-LT5.5MB Datasheet
140Kb / 1P
CERAMIC FOR FILTER TV/VTR
logo
Transko Electronics, In...
LT5.5MB TRANSKO-LT5.5MB Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT5.5MBP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
Traps for TV/VCR
logo
Oscilent Corporation
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
Ceramic Trap For TV/VCR
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Ceramic XT Trap For TV/VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
Ceramic Series For TV / VCR
logo
Token Electronics Indus...
LTCS10.7MS2TR TOKEN-LTCS10.7MS2TR Datasheet
921Kb / 48P
Filters for FM ,TV/VCR Stage, Communication
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
For TV / VCR
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
For TV / VCR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com