Electronic Components Datasheet Search
  English  ▼

X  

BCV26 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCV26
Description  PNP SILICON PLANAR DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCV26 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCV26 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
DARLINGTON TRANSISTORS
ISSUE 3 – SEPTEMBER 1995
FEATURES
* Low saturation voltage
COMPLEMENTARY TYPE –
BCV26 - BCV27
BCV46 - BCV47
PARTMARKING DETAILS –
BCV26 - ZFD
BCV46 - ZFE
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCV26
BCV46
UNIT
Collector-Base Voltage
VCBO
-40
-80
V
Collector-Emitter Voltage
VCEO
-30
-60
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-800
mA
Continuous Collector Current
IC
-500
mA
Base Current
IB
-100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
BCV26
BCV46
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-40
-80
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
-60
V
IC=10mA *
Emitter-Base
Breakdown Voltage
V(BR)EBO
-10
-10
V
IE=10µA
Collector Cut-Off
Current
ICBO
-100
-10
-100
-10
nA
nA
µ
A
µ
A
VCB= -30V
VCB= -60V
VCB=-30V,Tamb=150oC
VCB=-60V,Tamb=150oC
Emitter Base
Cut-Off Current
IEBO
-100
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-1.0
-1.0
V
IC=-100mA,IB=-0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.5
-1.5
V
IC=-100mA,IB=-0.1mA*
Static Forward Current
Transfer Ratio
hFE
4K
10K
20K
4K
2K
4K
10K
2K
IC=-100µΑ, VCE=-1V†
IC=-10mA, VCE=-5V*
IC=-100mA, VCE=-5V*
IC=-500mA, VCE=-5V*
Transition Frequency
fT
200 Typical
200 Typical
MHz IC=-50mA, VCE=-5V
f = 20MHz
Output Capacitance
Cobo
4.5 Typical
4.5 Typical
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for these devices
† Periodic Sample Test Only.
BCV26
BCV46
C
B
E
3 - 21


Similar Part No. - BCV26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV26 PHILIPS-BCV26 Datasheet
43Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26 Datasheet
49Kb / 5P
PNP Silicon Darlington Transistors
Jul-13-2001
logo
Diotec Semiconductor
BCV26 DIOTEC-BCV26 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCV26

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZTA64 ZETEX-FZTA64 Datasheet
58Kb / 2P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
ZTX704 ZETEX-ZTX704 Datasheet
72Kb / 3P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
Epitaxial Planar PNP Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZTX704 DIODES-ZTX704 Datasheet
81Kb / 3P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
MAY 1994
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZTX704 DIODES-ZTX704_15 Datasheet
81Kb / 3P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
MAY 1994
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com