Electronic Components Datasheet Search
  English  ▼

X  

RMCD-70 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMCD-70
Description  RMCD Non-Inductance Tubular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCD-70 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMCD-70 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCD-70 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
General Specifications (Unit: mm)
Electrical Characterisics
How to Order
100W
100R
K
RMCD
S
Part Number: RMCD
Rated Power (W): 35W, 502W, 70W, 90W, 100W
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value (Ω)
82R
82Ω
100R
100Ω
470R
470Ω
820R
820Ω
1K
1KΩ
Silver plate
L
Type
Dimensions (mm)
Resistance
(Ω)
Tolerance
(%)
Energy
(KJ)
Peak Voltage
(KV)
Power
(W)
L±3.0
ΦD±2.0
Φd±2.0
RMCD-100
305
25.4
15.5
75 ~ 1K
±10
30
75
100
RMCD-90
250
25.4
15.5
25
60
90
RMCD-70
200
25.4
15.5
20
45
70
RMCD-50
150
25.4
15.5
15
30
50
RMCD-35
100
25.4
15.5
10
15
35
Type
Power Rating
Temperature
Coefficient
Resistivity
Specific Heat
Inductance
Density
Max. Operating
Temperature
RMCD
35 ~ 100W
-500 ~ -1500PPM/°C 5 ~ 80Ω·cm
2J/cm3·°C
0.4µH max 2.25g/cm3
220°C max
B
Silver plate terminal
Color: B (black)
Code
Resistance Tolerance
K
±10%
Code
Color
B
black
Version 2010
RMCD Non-Inductance Tubular
Back to 1st Page - High Voltage Resistors (RMCD)
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com