Electronic Components Datasheet Search
  English  ▼

X  

BCV28 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCV28
Description  PNP SILICON DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCV28 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCV28 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON
DARLINGTON TRANSISTOR
ISSUE 3 – SEPTEMBER 1995
7
COMPLEMENTARY TYPE –
BCV29
PARTMARKING DETAIL –
ED
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-800
mA
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-40
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-10
V
IE=10µA
Collector Cut-Off
Current
ICBO
-100
-10
nA
µA
VCB=-30V
VCB=-30V, Tamb=150°C
Emitter Cut-Off Current IEBO
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-1
V
IC=-100mA, IB=-0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.5
V
IC=-100mA, IB=-0.1mA*
Static Forward Current
Transfer Ratio
hFE
4000
10000
20000
4000
IC=-100µA, VCE=-1V†
IC=-10mA, VCE=-5V*
IC=-100mA, VCE=-5V*
IC=-0.5mA, VCE=-5V*
Transition Frequency
fT
200
MHz
IC=-50mA, VCE=-5V
f = 20MHz
Output Capacitance
Cobo
4.5
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
† Periodic Sample Test Only.
BCV28
C
C
B
E
SOT89
3 - 23


Similar Part No. - BCV28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV28 NXP-BCV28 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
More results

Similar Description - BCV28

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
2SB1093 NEC-2SB1093 Datasheet
125Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
logo
Weitron Technology
MMBTA64 WEITRON-MMBTA64 Datasheet
479Kb / 4P
Darlington Transistor PNP Silicon
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60_07 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
420Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BSP60-BSP62 INFINEON-BSP60-BSP62 Datasheet
551Kb / 7P
PNP Silicon Darlington Transistor
2011-10-04
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
First Silicon Co., Ltd
MJD127 FS-MJD127 Datasheet
360Kb / 2P
PNP Silicon Darlington Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com