Electronic Components Datasheet Search
  English  ▼

X  

XT01MT Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # XT01MT
Description  XT MT TCeramic Triple Trap Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT01MT Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  XT01MT Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT01MT Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01 of 02
XT MT TCeramic Triple Trap Filters
Ceramic Triple
Trap Filters
4.5 MHz ~ 6.5 MHz
XTMT Ceramic Triple Trap Filters
(Murata TPT Compatible)
Preview
The characteristic of a three-terminal ceramic trap equals two
two-terminal ceramic trap. Three-terminal ceramic trap has a
monolith structure formed from 2 ceramic resonators.
Trap filter is a ceramic filter passes only particular frequency.
To the contrary, Band Eliminate Filter (B. E. F.) which blocks
or attenuates particular frequency is called trap.
Sound trap for TV set is one of the famous example of
B. E. F. In TV set, video signal is used in picture amplitude
circuit after video signal detection block, ceramic resonator
is insert here and trap circuit is formed in order to eliminate
sound signal involved in video signal.
Token XT MT Ceramic Trap Filters (compatible to Murata TPT) series consist of 3 wafers with 3 trap
frequencies. Recommended for Multi standard sets.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
XTMT Triple Trap Filter Quick Selection :
1. Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
2. XT01MT Cener Frequency f01:5.500MHz; f02:6.000MHz; f03:6.500MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
3. XT02MT Cener Frequency f01:5.500MHz; f02:5.742MHz; f03:6.500MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
4. XT03MT Cener Frequency f01:5.500MHz; f02:5.742MHz; f03:6.000MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
Features :
1. Good performance of attenuation, three-terminals trap filter, and space saving for Multi set.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - XT01MT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XT0101P E-SWITCH-XT0101P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0104P E-SWITCH-XT0104P Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0105P E-SWITCH-XT0105P Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0106P E-SWITCH-XT0106P Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0107P E-SWITCH-XT0107P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XT01MT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
Triple-Channel HDTV Filters
Rev 1; 11/05
logo
Oscilent Corporation
754-4.47M OSCILENT-754-4.47M Datasheet
132Kb / 2P
Ceramic Trap Double/Triple Peak
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Ceramic XT Trap For TV/VCR
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
XT3.58MJ TOKEN-XT3.58MJ Datasheet
294Kb / 3P
XT MJ Chrominance Carrier trap
XT4.47MWP TOKEN-XT4.47MWP Datasheet
297Kb / 3P
XT MW Double Type Trap Filters
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
Triple-Channel HDTV Filters
2007
logo
List of Unclassifed Man...
SV-SPF1 ETC-SV-SPF1 Datasheet
975Kb / 3P
How Filters Trap More Dirt
SV-MPF1 ETC-SV-MPF1 Datasheet
964Kb / 3P
How Filters Trap More Dirt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com