Electronic Components Datasheet Search
  English  ▼

X  

BCV48 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCV48
Description  PNP SILICON PLANAR DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCV48 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCV48 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
DARLINGTON TRANSISTOR
ISSUE 3 – SEPTEMBER 1995
7
COMPLEMENTARY TYPE –
BCV49
PARTMARKING DETAIL –
EE
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-800
mA
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-80
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-60
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-10
V
IE=-10µA
Collector Cut-Off
Current
ICBO
-100
-10
nA
µA
VCB=-60V
VCB=-60V, Tamb=150°C
Emitter Cut-Off Current IEBO
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-1
V
IC=-100mA, IB-0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.5
V
IC=-100mA, IB=-0.1mA*
Static Forward Current
Transfer Ratio
hFE
2000
4000
10000
2000
IC=-100µA, VCE=-1V†
IC=-10mA, VCE=-5V*
IC=-100mA, VCE=-5V*
IC=-500mA, VCE=-5V*
Transition Frequency
fT
200
MHz
IC=-50mA, VCE=-5V
f = 20MHz
Output Capacitance
Cobo
4.5
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
† Periodic Sample Test Only.
BCV48
C
C
B
E
SOT89
3 - 25


Similar Part No. - BCV48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV48 PHILIPS-BCV48 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCV48 SIEMENS-BCV48 Datasheet
142Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV48 INFINEON-BCV48 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV48 NXP-BCV48 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV48 INFINEON-BCV48 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
More results

Similar Description - BCV48

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA64 ZETEX-FMMTA64 Datasheet
37Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
FZT705 ZETEX-FZT705 Datasheet
55Kb / 2P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
MPSA77P ZETEX-MPSA77P Datasheet
19Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
CJF6668 ETC1-CJF6668 Datasheet
173Kb / 4P
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Zetex Semiconductors
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STBDW47 SEMTECH_ELEC-STBDW47 Datasheet
230Kb / 3P
PNP Silicon Planar Darlington Power Transistor
logo
Diodes Incorporated
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
logo
Continental Device Indi...
CJF6668 CDIL-CJF6668 Datasheet
365Kb / 4P
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
BDW47 CDIL-BDW47 Datasheet
240Kb / 3P
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Diodes Incorporated
ZTX712 DIODES-ZTX712 Datasheet
40Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
MAY 1994
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com