Electronic Components Datasheet Search
  English  ▼

X  

TC19 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TC19
Description  TC19 Power Gap Toroidal Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TC19 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TC19 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TC19 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01 of 02
Version 2010
Through Hole
Gap Toroidal
Inductors
TC19 Power Gap Toroidal Inductors
Through Hole Gap Toroidal Coils
Make Your Design More Cost-Effective (TC19)
Preview
Gapped toroidal coils usually require that the gap be filled with some type of insulating material to facilitate the
winding process. Split core current coils can be assembled directly on a conductor while toroids must be passed
over a disconnected end of the conductor.
Toroidal inductors are electronic components with the high performers among inductors, typically consisting of a
circular ring-shaped magnetic core of iron powder, ferrite, or other material around which wire is coiled to make
an inductor. Their windings cool better because of the proportionally larger surface area. Toroidal inductors with
a round core cross section are better performers than toroidal inductors with a rectangular cross section.
Token utilizes the latest micro gap toroid technology enabling the most cost-effective designs in manufacturing
through hole (TC19) products. Token’s TC19 Toroidal Series manufactured by Low loss powdered iron cores
offer the compact size and lower electromagnetic interference (EMI). Token toroidal can have higher Q factors
and higher inductance than similarly constructed solenoid coils. This is due largely to the smaller number of
turns required when the core provides a closed magnetic path. The magnetic flux in a toroid is largely confined
to the core, preventing its energy from being absorbed by nearby objects, making toroidal cores essentially
self-shielding. The TC19 series is suitable for a broad range of applications, such as high-frequency coils and
transformers.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- Micro gap toroid technology.
- Not easy magnetic saturation.
Applications :
- VCD, DVD.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TC19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
2 - 20 GHz 20 dBm MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
6 - 18 GHz 28dBm PA MMIC
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
Single-line transmission three-channel LED driver control dedicated chip
More results

Similar Description - TC19

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
VTK-01001 PMI-VTK-01001 Datasheet
169Kb / 4P
SENDUST TOROIDAL POWER INDUCTORS
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
Token Electronics Indus...
TPUTX-2P TOKEN-TPUTX-2P Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com