Electronic Components Datasheet Search
  English  ▼

X  

ZTACVMX Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # ZTACVMX
Description  Redial Taping Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTACVMX Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  ZTACVMX Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTACVMX Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTACVMX Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. ZTACVMX Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 05
Version 2010
Redial Taping Dimensions
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Reel Dimensions (Unit: mm)
120o
Φ13±0.5
Φ21±0.8
R1.0
ΦA
ΦB
ΦA
ΦB
W
T
Pieces
per reel
Carrier tape
size
179 ± 2 60 typ
8.4 min 14.0max 3000typ
8
179 ± 2
60typ
12.4min 19.4max 3000typ
12
179 ± 2 60 typ 12.4 min 19.4max 1000typ
12
179 ± 2
60typ
16.4min 22.4max 1000typ
16
330 ± 3 80min 12.4min 19.4max 4000typ
12
330 ± 3 80min 16.4min 22.4max 4000typ
16
G
H
A
ΦJ
ΦN
F
B
M max
K
T
E
R max
P
P1
P-P1
Tape Dimensions (Unit: mm)
Code
Tolerance
Part
Number
A
±0.2
B
±0.2
C
±0.3
D
±0.1
E
±0.1
F
±0.1
G
±0.1
H
±0.1
ΦJ
±0.1
ΦN
±0.1
M
max
R
max
K
±0.2
T
±0.1
ZTACC MG
ZTTCC MG
3.8
7.8
16.0 7.5 1.75
8.0
4.0
2.0
1.5
1.6
10°
0.3
2.1
0.3
ZTACR MG
ZTTCR MG
2.2
4.7
12.0 5.5 1.75
4.0
4.0
2.0
1.6
1.6
3°
0.3
1.3
0.3
ZTACS MT/MX
ZTTCS MT/MX
5.0
4.4
12.0 5.5 1.75
8.0
4.0
2.0
1.5
1.6
10°
0.3
1.8
0.3
ZTACV MT/MX
ZTTCV MT/MX
3.4
4.0
12.0 5.5 1.75
8.0
4.0
2.0
1.5
1.6
10°
0.3
1.3
0.3
ZTACW MX
ZTTCW MX
2.2
2.8
8.0
3.5 1.75
4.0
4.0
2.0
1.6
1.1
3°
0.3
1.3
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com