Electronic Components Datasheet Search
  English  ▼

X  

BCX17 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX17
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX17 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX17 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 4 – MARCH 2001
PARTMARKING DETAILS –
BCX17
– T1
BCX17R
– T4
COMPLIMENTARY TYPES -
BCX19
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
-50
V
Collector-Emitter Voltage (IC =-10mA)
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Peak Collector Current
ICM
-1000
mA
Peak Emitter Current
IEM
-1000
mA
Base Current
IB
-100
mA
Peak Base Current
IBM
-200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base Cut-Off
Current
ICBO
-100
-200
nA
µA
IE =0, VCB =-20V
IE =0, VCB =-20V, Tj=150°C
Emitter-Base Cut-Off
Current
IEBO
-10
µA
IC =0, VEB =-1V
Base-Emitter Voltage
VBE
-1.2
V
IC =-500mA, VCE =-1V*
Collector-Emitter
Saturation Voltage
VCE(sat)
-620
mV
IC =-500mA, IB =-50mA*
Static Forward Current
Transfer Ratio
hFE
100
70
40
600
IC =-100mA, VCE =-1V
IC =-300mA, VCE =-1V*
IC =-500mA, VCE =-1V*
Transition Frequency
fT
100
MHz
IC =-10mA, VCE =-5V
f =35MHz
Output Capacitance
Cobo
8.0
pF
VCB =-10V, f =1MHz
*Measured under pulsed conditions.
Spice parameter data is available upon request for this device
BCX17
C
B
E
SOT23
TBA


Similar Part No. - BCX17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
logo
Diotec Semiconductor
BCX17 DIOTEC-BCX17 Datasheet
176Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCX17 FAIRCHILD-BCX17 Datasheet
45Kb / 3P
PNP General Purpose Amplifier
logo
Guangdong Kexin Industr...
BCX17 KEXIN-BCX17 Datasheet
38Kb / 1P
PNP General Purpose Transistors
logo
NXP Semiconductors
BCX17 NXP-BCX17 Datasheet
114Kb / 7P
PNP general purpose transistors
2004 Jan 16
More results

Similar Description - BCX17

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com