Electronic Components Datasheet Search
  English  ▼

X  

OAR1R05JP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # OAR1R05JP
Description  OAR Open Air Current Sense Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

OAR1R05JP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  OAR1R05JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. OAR1R05JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. OAR1R05JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions (Unit: mm)
Specification
OAR Open Air Current Sense Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
B
C
A
E
F
On lo wer ranges stand-off may be
eliminated
NO TE :
Contact f actor y f or :
1. Va riations of ¡§A¡¨dimension.
2. Diff erent lead diameter.
Te st Po int (K elvin connection)
Type
Dimensions (Unit: mm)
A±1
B±3
C±0.8
E±0.3
F±0.1
OAR-1
10
10
3.5
1.6
1.0
OAR-2
15
15
3.5
1.6
1.0
OAR-3
20
20
3.5
1.6
1.0
OAR-5
20
20
3.5
1.6
1.0
Type
Power Rating
@ 85°C (W)
Resistance Range
(mΩ)
Tolerance (±%) Temperature Coefficient
TCR (ppm/°C)
Inductance (nH)
OAR-1
1
R005~R05
±1%
±2%
±5%
±50
10 Max.
OAR-2
2
R005~R05
OAR-3
3
R005~R05
OAR-5
5
R005~R01
Characteristic Specification
Test Items
Test Method
Specification
Load Life
1000 hours @ 25°C
ΔR/R < 1%
Moisture Test
no load for 1000 hours
ΔR/R < 1%
Temperature Cycling
-40°C to +125°C for 1000 cycles
ΔR/R < 1%
Operating Temperature
-40°C to +125°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com