Electronic Components Datasheet Search
  English  ▼

X  

BCX41 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX41
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX41 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX41 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 –OCTOBER 1995
7
PARTMARKING DETAIL – EK
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
125
V
Collector-Emitter Voltage
VCEO
125
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
800
mA
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Collector-Base Cut-Off
Current
ICES
100
10
nA
µ
A
VCE=100V
VCE=100V, Tamb =150°C
Collector Cut-Off
Current
ICEX
10
75
µ
A
µ
A
VCE =100V,VBE=0.2V,Tamb =85°C
VCE=100V,VBE=0.2V,
Tamb=125°C
Emitter Cut-Off
Current
IEBO
100
nA
VEB =4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.9
V
IC =300mA, IB =30mA *
Base-Emitter
Saturation Voltage
VBE(sat)
1.4
V
IC =300mA, IB =30mA *
Static Forward
Current Transfer Ratio
hFE
25
63
40
IC =100µA, VCE =1V
IC =100mA, VCE =1V *
IC =200mA, VCE =1V *
Transition Frequency fT
100
MHz IC =10mA, VCE =5V
f =20MHz
Output Capacitance
Cobo
12
pF
VCB =10V, IE=Ie=0, f =1MHz
* Measured under pulsed conditions. Pulse width = 300µs. Duty cycle 2%
BCX41
1
3
2
3 - 33


Similar Part No. - BCX41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
50Kb / 5P
NPN Silicon AF and Switching Transistors
Aug-20-2001
logo
Guangdong Kexin Industr...
BCX41 KEXIN-BCX41 Datasheet
37Kb / 1P
Medium Power Transistor
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
logo
Continental Device Indi...
BCX41 CDIL-BCX41 Datasheet
327Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - BCX41

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT455 ZETEX-FXT455 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com