Electronic Components Datasheet Search
  English  ▼

X  

BCX68 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX68
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX68 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX68 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 2 – FEBRUARY 1995
7
FEATURES
*
High gain and low saturation voltages
COMPLEMENTARY TYPE –
BCX69
PARTMARKING DETAIL –
BCX68
– CE
BCX68-16 – CC
BCX68-25 – CD
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown voltage
V(BR)CBO
25
V
IC =100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
20
V
IC =10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE =100µA
Collector Cut-Off
Current
ICBO
0.1
10
µA
µA
VCB =25V
VCB =25V, Ta =150°C
Emitter Cut-Off Current
IEBO
10
µA
VEB =5V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC =1A, IB =100mA*
Base-Emitter Turn-On
Voltage
VBE(on)
1.0
V
IC =1A, VCE =1V*
Static Forward Current
Transfer Ratio
hFE
BCX68-16
BCX68-25
50
85
60
100
160
250
375
250
400
IC =5mA, VCE =10V
IC =500mA, VCE =1V
IC =1A, VCE =1V*
IC =500mA, VCE =1V*
IC =500mA, VCE =1V
Transition Frequency
fT
100
MHz
IC =100mA, VCE =5V,
f=100MHz
Output Capacitance
Cobo
25
pF
VCB =10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT449 datasheet.
BCX68
C
C
B
E
SOT89
3 - 36


Similar Part No. - BCX68

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
NPN Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68 Datasheet
45Kb / 4P
NPN Silicon AF Transistors
Jun-29-2001
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
1Mb / 3P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BCX68 KEXIN-BCX68 Datasheet
38Kb / 2P
PNP General Purpose Transistors
logo
Siemens Semiconductor G...
BCX68-10 SIEMENS-BCX68-10 Datasheet
144Kb / 4P
NPN Silicon AF Transistors (For general AF applications High collector current)
More results

Similar Description - BCX68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com