Electronic Components Datasheet Search
  English  ▼

X  

BCX69 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX69
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX69 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX69 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 2 – FEBRUARY 1995
7
FEATURES
*
High gain and low saturation voltages
COMPLEMENTARY TYPE –
BCX68
PARTMARKING DETAIL –
BCX69
– CJ
BCX69-16 – CG
BCX69-25 – CH
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown voltage
V(BR)CBO
-25
V
IC =-100
µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
V
IC =-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE =-100µA
Collector Cut-Off
Current
ICBO
-0.1
-10
µA
µA
VCB =-25V
VCB =-25V, Tamb =150°C
Emitter Cut-Off Current
IEBO
-10
µA
VEB =-5V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
V
IC =-1A, IB =-100mA
Base-Emitter Turn-On
Voltage
VBE(on)
-1.0
V
IC =-1A, VCE =-1V
Static Forward Current
Transfer Ratio
hFE
BCX69-16
BCX69-25
50
85
60
100
160
250
375
250
400
IC =-5mA, VCE =-1V
IC =-500mA, VCE =-1V
IC =-1A, VCE =-1V*
IC =-500mA, VCE =-1V*
IC =-500mA, VCE =-1V
Transition Frequency
fT
100
MHz
IC =-100mA, VCE =-5V,
f=100MHz
Output Capacitance
Cobo
25
pF
VCB =-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT549 datasheet.
BCX69
C
C
B
E
SOT89
3 - 37


Similar Part No. - BCX69

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
BCX69 KEXIN-BCX69 Datasheet
38Kb / 2P
PNP Silicon AF Transistors
logo
Shenzhen Jin Yu Semicon...
BCX69 HTSEMI-BCX69 Datasheet
416Kb / 2P
TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
BCX69 BILIN-BCX69 Datasheet
225Kb / 4P
PNP Silicon AF Transistors
Rev.A
More results

Similar Description - BCX69

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com