Electronic Components Datasheet Search
  English  ▼

X  

BF620 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BF620
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BF620 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BF620 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 5 – MARCH 2001
✪
FEATURES
*
High breakdown and low saturation voltages
APPLICATIONS
*
Suitable for video output stages in TV sets
*
Switching power supplies
COMPLEMENTARY TYPE:
BF621
PARTMARKING DETAIL –
DC
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
100
mA
Continuous Collector Current
IC
50
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base Breakdown
Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
10
20
nA
µA
VCB=200V, IE=0
VCB=200V, IE=0 †
Colector Cut-Off Current
ICER
50
10
nA
µA
VCE=200V, RBE=2.7KΩ
VCE=200V, RBE=2.7KΩ †
Emitter Cut-Off Current
IEBO
10
µA
VEB=5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.6
V
IC=30mA, IB=5mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA*
Static Forward
Current Transfer Ratio
hFE
50
IC=25mA, VCE=20V*
Transition Frequency
fT
100 Typical
MHz
IC=10mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
0.8 Typical
pF
VCB=30V, f=1MHz
†Tamb=150°C
*Measured under pulsed conditions.
For typical characteristics graphs see FMMTA42 datasheet.
BF620
C
C
B
E
SOT89
TBA


Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
List of Unclassifed Man...
BF620 ETC1-BF620 Datasheet
34Kb / 2P
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF620 NXP-BF620 Datasheet
131Kb / 10P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF620 HTSEMI-BF620 Datasheet
552Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com