Electronic Components Datasheet Search
  English  ▼

X  

BF720 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BF720
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BF720 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BF720 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
C
E
B
SOT223 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 4 – MARCH 2001
✪
FEATURES
*
High breakdown and low saturation voltages
APPLICATIONS
*
Suitable for video output stages in TV sets
*
Switching power supplies
COMPLEMENTARY TYPE:- BF721
PARTMARKING DETAILS:- BF720
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
100
mA
Continuous Collector Current
IC
50
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off Current ICBO
10
nA
VCB=200V, IE=0
Collector Cut-Off
Current
ICER
50
10
nA
µA
VCE=200V, RBE=2.7KΩ
VCE=200V, RBE=2.7kΩ †
Emitter Cut-Off Current
IEBO
10
µA
VEB=5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.6
V
IC=30mA, IB=5mA*
Base Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA*
Static Forward Current
Transfer Ratio
hFE
50
IC=25mA, VCE=20V*
Transition Frequency
fT
100
MHz
IC=10mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
0.8
pF
VCB=30V, f=1MHz
†Tamb =150°C
*Measured under pulsed conditions.
For typical characteristics graphs see FMMTA42 datasheet.
BF720
TBA


Similar Part No. - BF720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
Siemens Semiconductor G...
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Diotec Semiconductor
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
NPN high-voltage transistors
1999 Apr 21
logo
Nexperia B.V. All right...
BF720 NEXPERIA-BF720 Datasheet
173Kb / 7P
NPN high-voltage transistors
1999 Apr 21
More results

Similar Description - BF720

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com