Electronic Components Datasheet Search
  English  ▼

X  

TCSH06015 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TCSH06015
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH06015 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCSH06015 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH06015 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
03 of 14
TPSH0301 Low Profile Power Inductors
Version 2010
(TPSH0301) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. ( KHz )
DCR (Ω) (max)
IDC (A) (max)
TPSH0301 - 1R0N
1.0
100
0.060
1.60
TPSH0301 - 1R2N
1.2
100
0.065
1.40
TPSH0301 - 1R5N
1.5
100
0.077
1.24
TPSH0301 - 1R8N
1.8
100
0.093
1.22
TPSH0301 - 2R2N
2.2
100
0.125
1.20
TPSH0301 - 3R3N
3.3
100
0.187
0.89
TPSH0301 - 3R9N
3.9
100
0.220
0.78
TPSH0301 - 4R7N
4.7
100
0.240
0.71
TPSH0301 - 5R6N
5.6
100
0.320
0.62
TPSH0301 - 6R8N
6.8
100
0.350
0.57
TPSH0301 - 8R2N
8.2
100
0.470
0.52
TPSH0301 - 100M
10
100
0.570
0.47
TPSH0301 - 120M
12
100
0.750
0.43
TPSH0301 - 150M
15
100
0.810
0.38
TPSH0301 - 180M
18
100
1.060
0.35
TPSH0301 - 220M
22
100
1.150
0.32
TPSH0301 - 270M
27
100
1.670
0.29
TPSH0301 - 330M
33
100
1.840
0.28
TPSH0301 - 390M
39
100
2.310
0.25
TPSH0301 - 470M
47
100
2.630
0.22
TPSH0301 - 560M
56
100
2.860
0.20
TPSH0301 - 680M
68
100
3.940
0.18
TPSH0301 - 820M
82
100
4.900
0.16
TPSH0301 - 101M
100
1
5.740
0.14
TPSH0301 - 121M
120
1
7.310
0.13
TPSH0301 - 151M
150
1
9.080
0.12
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 150µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com