Electronic Components Datasheet Search
  English  ▼

X  

BS250F Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BS250F
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BS250F Datasheet(HTML) 2 Page - Zetex Semiconductors

  BS250F Datasheet HTML 1Page - Zetex Semiconductors BS250F Datasheet HTML 2Page - Zetex Semiconductors BS250F Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BS250F
3 - 57
BS250F
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
-0.8
-0.6
-0.4
0
-0.2
-1.0
Transfer Characteristics
Normalised RDS(on) and VGS(th) vs Temperature
Junction Temperature (°C)
-40 -20
0
20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Dr
ai
n-
So
urc
e R
es
ista
nc
e
RD
S(
on
)
Gate Threshold Vo
ltage VGS
(TH)
ID=0.37A
0-2
-4
-6
-8
-10
-1.0
-0.8
-0.6
-0.4
0
-0.2
0
-10
-20
-30
-40
-50
Saturation Characteristics
On-resistance vs Drain Current
ID-Drain Current (mA)
-6
0
-2
-4
-8
0-2
-4
-6
-8-10
-10
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
-0.6
0
-0.2
-0.4
-0.8
0-2
-4
-6
-8
-10
-1.0
VGS=-20V
-16V
-6V
-7V
-8V
-5V
-4V
-16V
-9V
ID=
-
400mA
-200mA
-100mA
VDS=-10V
VGS-Gate Source Voltage (Volts)
VGS=-10V
ID=-1mA
VGS=VDS
-1.2
-10V
-9V
-10V
-6V
2.6
180
10
1
100
-10
-100
-1000
VGS=-5V
VGS=-20V
-15V
-20V
-7V
-6V
-7V
-8V
-10V
-12V
-5V
-4.5V
-14V
VGS=
-14V
-12V
VDS - Drain Source Voltage (Volts)
TYPICAL CHARACTERISTICS
Transconductance v drain current
ID- Drain Current (Amps)
80
60
40
0
20
100
0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0
-6
-8
-10
-14
-16
-12
-4
-2
0
0.5
1.0
1.5
0
Q-Gate Charge (nC)
120
Note:VDS=-10V
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
80
60
40
0
20
100
0-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
120
Note:VDS=-10V
40
30
20
0
10
50
60
0
-10
-20
-30
-40
-50
-60
-70
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Note:VGS=0V
f=1MHz
Ciss
Coss
Crss
1
2
Gate charge v gate-source voltage
VDS=
-20V
Note:ID=- 0.2A
-40V -60V
3 - 56



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com