Electronic Components Datasheet Search
  English  ▼

X  

ADL5902 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5902
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5902 Datasheet HTML 12Page - Analog Devices ADL5902 Datasheet HTML 13Page - Analog Devices ADL5902 Datasheet HTML 14Page - Analog Devices ADL5902 Datasheet HTML 15Page - Analog Devices ADL5902 Datasheet HTML 16Page - Analog Devices ADL5902 Datasheet HTML 17Page - Analog Devices ADL5902 Datasheet HTML 18Page - Analog Devices ADL5902 Datasheet HTML 19Page - Analog Devices ADL5902 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADL5902
Rev. 0 | Page 16 of 28
When forcing the previous identity by varying the VGA setpoint, it
is apparent that
RMS(VSIG) = √(Mean(VSIG2)) = √(VATG2) = VATG
(5)
Substituting the value of VSIG from Equation 2 results in
RMS(G0 × RFIN e
)
/
(
GNS
SET
V
V
) = VATG
(6)
When connected as a measurement device, VSET = VOUT. Solving
for VOUT as a function of RFIN,
VOUT = VSLOPE × log10(RMS(RFIN)/VZ)
(7)
where:
VSLOPE is 1.06 V/decade (or 53 mV/dB) at 2.14 GHz.
VZ is the intercept voltage.
When RMS(RFIN) = VZ, this implies that VOUT = 0 V because
log10(1) = 0. This makes the intercept the input that forces VOUT =
0 V if the ADL5902 had no sensitivity limit. The PINTERCEPT (in
decibels relative to 1 milliwatt, that is, dBm) corresponding to
Vz (in volts) in ADL5902 is given by the following equation:
PINTERCEPT = −(VPEDISTAL/VSLOPE) + PMINDET
(8)
where VPEDISTAL is the VSET interface’s pedestal voltage, and
PMINDET is the minimum detectable signal in decibels relative to 1
milliwatt, given by the following expression:
PMINDET = dBm (VATG) – GO
(9)
where dBm(VATG) is the equivalent power in decibels relative to
1 milliwatt corresponding to a given VTGT.
Combining Equation 8 and Equation 9 results in
PINTERCEPT = −(VPEDISTAL/VSLOPE) + dBm (VATG) – GO
(10)
For the ADL5902, VPEDISTAL is approximately 0.275 V and VATG is
given by VTGT/20. GO is 45 dB below approximately 4 GHz and
then decreases at higher frequencies. VTGT = 0.8 V; therefore,
VATG = 40 mV
and
dBm (VATG) = 10 log10((40 mV)2/50 Ω)/1 mW) ≈ −14.9 dBm
At 2.14 GHz, VSLOPE ≈ 53 mV/dB and GO at 2.14 GHz = 45 dB.
This results in a PINTERCEPT ≈ −65 dBm. This differs slightly from
the value in Table 1 due to the choice of calibration points and
the slight nonideality of the response.
In most applications, the AGC loop is closed through the
setpoint interface and the VSET pin. In measurement mode,
VOUT is directly connected to VSET (see the Measurement
Mode Basic Connections section for more information). In
controller mode, a control voltage is applied to VSET, and the
VOUT pin typically drives the control input of an amplification
or attenuation system. In this case, the voltage at the VSET pin
forces a signal amplitude at the RF inputs of the ADL5902 that
balances the system through feedback.
RF INPUT INTERFACE
Figure 37 shows the RF input connections within the ADL5902.
The input impedance is set primarily by an internal 2 kΩ resistor
connected between INHI and INLO. A dc level of approximately
half the supply voltage on each pin is established internally.
Either the INHI or INLO pin can be used as the single-ended
RF input pin. Signal coupling capacitors must be connected
from the input signal to the INHI and INLO pins. A single
external 60.4 Ω resistor to ground from the desired input
creates an equivalent 50 Ω impedance over a broad section of
the operating frequency range. The other input pin should be
RF ac-coupled to common (ground). The input signal high-pass
corner formed by the input coupling capacitor’s internal and
external resistances is
fHIGHPASS = 1/(2 × π × 50 × C)
(11)
where C is the capacitance in farads and fHIGHPASS is in hertz. The
input coupling capacitors must be large enough in value to pass
the input signal frequency of interest and determine the low end
of the frequency response. INHI and INLO can also be driven
differentially using a balun.
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
INLO
INHI
VPOS
COMM
VBIAS
LOAD
2k
Ω
2k
Ω
Figure 37. RF Inputs
Extensive ESD protection is employed on the RF inputs, and
this protection limits the maximum possible input to the
ADL5902.
SMALL SIGNAL LOOP RESPONSE
The ADL5902 uses a VGA in a loop to force a squared RF signal
to be equal to a squared dc voltage. This nonlinear loop can be
simplified and solved for a small signal loop response. The low-
pass corner pole is given by
FreqLP ≈ 1.83 × ITGT/(CLPF)
(12)
where:
ITGT is in amperes.
CLPF is in farads.
FreqLP is in hertz.
ITGT is derived from VTGT; however, ITGT is a squared value of
VTGT multiplied by a transresistance, namely
ITGT = gm × VTGT2
(13)
gm is approximately 18.9 μs; therefore, with VTGT equal to the
typically recommended 0.8 V, ITGT is approximately 12 μA. The
value of this current varies with temperature; therefore, the
small signal pole varies with temperature. However, because the
RF squaring circuit and dc squaring circuit track with temperature,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com