Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices ADP195 Datasheet HTML 10Page - Analog Devices ADP195 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP195
Rev. 0 | Page 7 of 12
CH1 2V
CH2 1V
M10µs
A CH1
2.32V
2
3
1
T 10%
VEN
BW
CH3 100mA Ω BW
VOUT
LOAD CURRENT
BW
Figure 10. Typical Rise Time and Inrush Current,
VIN = 1.2 V, Load = 200 mA
0
1
2
3
4
5
6
–40
0
25
85
125
TEMPERATURE (°C)
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 300mA
IOUT = 500mA
Figure 11. Ground Current vs. Temperature
0
4
8
12
16
20
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
Figure 12. Ground Current vs. Input Voltage (VIN)
TEMPERATURE (°C)
–1
0
1
2
3
4
5
–40
–15
10
35
60
85
110
VIN = 1.2V
VIN = 1.4V
VIN = 2.0V
VIN = 2.4V
VIN = 2.8V
VIN = 3.2V
VIN = 3.4V
VIN = 3.6V
Figure 13. Shutdown Current vs. Temperature
TEMPERATURE (°C)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40
–15
10
35
60
85
110
VIN = 1.2V
VIN = 1.4V
VIN = 2.0V
VIN = 2.4V
VIN = 2.8V
VIN = 3.2V
VIN = 3.4V
VIN = 3.6V
Figure 14. Reverse Input Shutdown Current vs. Temperature
0
1
2
3
4
5
6
7
8
9
–40
–15
10
35
60
85
110
VIN = 1.2V
VIN = 1.4V
VIN = 1.6V
VIN = 1.8V
VIN = 2.0V
VIN = 2.2V
VIN = 2.6V
VIN = 3.0V
VIN = 3.2V
VIN = 3.6V
TEMPERATURE (°C)
Figure 15. Reverse Output Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com