Electronic Components Datasheet Search
  English  ▼

X  

ADRF6601 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6601
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 6Page - Analog Devices ADRF6601 Datasheet HTML 7Page - Analog Devices ADRF6601 Datasheet HTML 8Page - Analog Devices ADRF6601 Datasheet HTML 9Page - Analog Devices ADRF6601 Datasheet HTML 10Page - Analog Devices ADRF6601 Datasheet HTML 11Page - Analog Devices ADRF6601 Datasheet HTML 12Page - Analog Devices ADRF6601 Datasheet HTML 13Page - Analog Devices ADRF6601 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADRF6601
–170
–160
–150
–140
–130
–120
–110
–100
–90
Phase noise measurements made at IF output, unless otherwise noted.
–80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–
Rev. 0 | Page 10 of 24
LO FREQUENCY (MHz)
750
1150
1100
1050
1000
950
900
850
800
1kHz OFFSET
100kHz OFFSET
1MHz OFFSET
10MHz OFFSET
INTERGRATED PHASE NOISE
10kHz OFFSET
Figure 10. PLL Spot Phase Noise at Various Offsets
and Integrated Phase Noise vs. LO Frequency
–110
–105
–100
–95
–90
–85
–80
LO FREQUENCY (MHz)
750
1150
1100
1050
1000
950
900
850
800
1× PFD OFFSET
2× PFD
OFFSET
4× PFD OFFSET
0.25× AND
0.5× PFD
OFFSET
Figure 11. PLL Reference Spurs vs. LO Frequency
–160
–150
–140
–130
–120
–110
–100
–90
80
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
LO = 752MHz
LO = 848MHz
LO = 953.6MHz
LO = 1049.6MHz
LO = 1155.2MHz
Figure 12. Phase Noise vs. Offset Frequency and LO Frequency
(LO Frequency Varies from 750 MHz to 1160 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com