Electronic Components Datasheet Search
  English  ▼

X  

BSP19 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSP19
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSP19 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSP19 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – FEBRUARY 1996
FEATURES
*High VCEO – 350V
* Low saturation voltage
COMPLEMENTARY TYPE –
BSP16
PARTMARKING DETAIL –
BSP19
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
0.5
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
400
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
350
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off
Current
ICBO
20
nA
VCB=300V
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=3V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=50mA, IB=4mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.3
V
IC=50mA, IB=4mA*
Static Forward Current
Transfer Ratio
hFE
40
50
IC=20mA, VCE=5V*
IC=100mA, VCE=5V*
Transition Frequency
fT
70
MHz
IC=10mA, VCE=10V
f = 20MHz
Output Capacitance
Cobo
10
pF
VCB=20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
For typical characteristics graphs see FZT658 datasheet.
BSP19
C
C
E
B
3 - 60


Similar Part No. - BSP19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP19 PHILIPS-BSP19 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Jun 01
BSP19 NXP-BSP19 Datasheet
101Kb / 6P
NPN high-voltage transistors
1999 Jun 01
logo
Nexperia B.V. All right...
BSP19 NEXPERIA-BSP19 Datasheet
274Kb / 7P
NPN high-voltage transistors
1999 Jun 01
logo
Guangdong Kexin Industr...
BSP19A KEXIN-BSP19A Datasheet
40Kb / 1P
NPN Silicon Epitaxial Transistor
logo
ON Semiconductor
BSP19A ONSEMI-BSP19A Datasheet
181Kb / 6P
NPN Silicon Expitaxial Transistor
January, 2019 - Rev. 12
More results

Similar Description - BSP19

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com