Electronic Components Datasheet Search
  English  ▼

X  

BSP42 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSP42
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSP42 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSP42 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 4 – MARCH 2001
✪
COMPLEMENTARY TYPE –
BSP32
PARTMARKING DETAIL –
BSP42
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
90
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
90
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
80
V
IC=10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=10µA
Collector Cut-Off
Current
ICBO
100
50
nA
µA
VCB=60V
VCB=60V, Tamb=125°C
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.5
V
V
IC =150mA, IB=15mA
IC =500mA, IB=50mA
Base-Emitter
Saturation Voltage
VBE(sat)
1.0
1.2
V
V
IC =150mA, IB=15mA
IC =500mA, IB=50mA
Static Forward
Current Transfer Ratio
hFE
10
40
30
120
IC =100µA, VCE=5V
IC =100mA, VCE=5V
IC =500mA, VCE=5V
Output Capacitance
Cobo
12
pF
VCB =10V, f =1MHz
Input Capacitance
Cibo
90
pF
VEB =0.5V, f=1MHz
Transition Frequency
fT
100
MHz
IC=50mA, VCE=10V
f =35MHz
Turn-On Time
Ton
250
ns
VCC =20V, IC =100mA
IB1 =-IB2 =-5mA
Turn-Off Time
Toff
1000
ns
*Measured under pulsed conditions.
For typical characteristics graphs see FMMT493 datasheet.
BSP42
C
C
E
B
TBA


Similar Part No. - BSP42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BSP42 STMICROELECTRONICS-BSP42 Datasheet
73Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
Diotec Semiconductor
BSP42 DIOTEC-BSP42 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BSP42 ZETEX-BSP42 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BSP42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com