Electronic Components Datasheet Search
  English  ▼

X  

MX7705 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX7705 Datasheet HTML 1Page - Maxim Integrated Products MX7705 Datasheet HTML 2Page - Maxim Integrated Products MX7705 Datasheet HTML 3Page - Maxim Integrated Products MX7705 Datasheet HTML 4Page - Maxim Integrated Products MX7705 Datasheet HTML 5Page - Maxim Integrated Products MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
General Description
The MX7705 low-power, 2-channel, serial-output ana-
log-to-digital converter (ADC) includes a sigma-delta
modulator with a digital filter to achieve 16-bit resolution
with no missing codes. This ADC is pin compatible and
software compatible with the AD7705. The MX7705 fea-
tures an on-chip input buffer and programmable-gain
amplifier (PGA). The device offers an SPI
™-/QSPI™-/
MICROWIRE
™-compatible serial interface.
The MX7705 operates from a single 2.7V to 5.25V supply.
The operating supply current is 320µA (typ) with a 3V
supply. Power-down mode reduces the supply current to
2µA (typ).
Self-calibration and system calibration allow the MX7705
to correct for gain and offset errors. Excellent DC perfor-
mance (±0.003% FSR INL) and low noise (650nV) make
the MX7705 ideal for measuring low-frequency signals
with a wide dynamic range. The device accepts fully dif-
ferential bipolar/unipolar inputs. An internal input buffer
allows for input signals with high source impedances. An
on-chip digital filter, with a programmable cutoff and out-
put data rate, processes the output of the sigma-delta
modulator. The first notch frequency of the digital filter is
chosen to provide 150dB rejection of common-mode
50Hz or 60Hz noise and 98dB rejection of normal-mode
50Hz or 60Hz noise. A PGA and digital filtering allow sig-
nals to be directly acquired with little or no signal-condi-
tioning requirements.
The MX7705 is available in a 16-pin TSSOP package.
Applications
Industrial Instruments
Weigh Scales
Strain-Gauge Measurements
Loop-Powered Systems
Flow and Gas Meters
Medical Instrumentation
Pressure Transducers
Thermocouple Measurements
RTD Measurements
Features
o Pin Compatible and Software Compatible with the
AD7705
o 16-Bit Sigma-Delta ADC
o Two Fully Differential Input Channels
o 0.003% Integral Nonlinearity with No Missing Codes
o Interface with Schmitt Triggers on Inputs
o Internal Analog Input Buffers
o PGA from 1 to 128
o Single (2.7V to 3.6V) or (4.75V to 5.25V) Supply
o Low Power
1mW (max), 3V Supply
2μA (typ) Power-Down Current
o SPI-/QSPI-/MICROWIRE-Compatible 3-Wire Serial
Interface
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCLK
GND
VDD
DIN
DOUT
DRDY
AIN2-
REF-
REF+
TOP VIEW
MX7705
TSSOP
CLKIN
CLKOUT
AIN2+
CS
RESET
AIN1+
AIN1-
Pin Configuration
Ordering Information
19-3051; Rev 4; 2/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN- PACKAGE
MX7705EUE+
-40
°C to +85°C
16 TSSOP
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705 Datasheet
405Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE+ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results

Similar Description - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
326Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
4/04-Revision 0
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
3/13-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com