Electronic Components Datasheet Search
  English  ▼

X  

1KA2C5P Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # 1KA2C5P
Description  UPR Extra Precision Network Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

1KA2C5P Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  1KA2C5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. 1KA2C5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. 1KA2C5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions & Technical Characteristics
UPSC Versus UPR Series
A
C
B
Nominal Resistance Range (Ω)
Nominal Resistance
Tolerance(%)
Temperature Coefficient (ppm/°C)
[TCR: +25°C ~ +85°C]
UPR
UPSC
10~5M
40~5M
A2 ± 0.02
A5 ±0.05
B ± 0.1
C9 ± 3ppm/°C
C7 ± 5ppm/°C
C6 ± 10ppm/°C
C5 ± 15ppm/°C
C3 ± 25ppm/°C
1K~1M
1K~1M
T ± 0.01
A2 ± 0.02
A5 ± 0.05
B ± 0.1
C10 ± 2ppm/°C
C9 ± 3ppm/°C
C7 ± 5ppm/°C
C6 ± 10ppm/°C
C5 ± 15ppm/°C
C3 ± 25ppm/°C
E
D
7.65 ± 0.3
2.6 ± 0.3
3.81 ± 0.5
0.6 ± 0.05
Extra Precision Network Resistors
(UPSC) Dimensions (Unit: mm)
10.5 ± 0.3
4.0 ± 0.3
7.62 ± 0.5
0.6 ± 0.05
Extra Precision Network Resistor
(UPR) Dimensions (Unit: mm)
Dimensions (mm)
A
10.5 ± 0.3
B
9.1 ± 0.3
C
4.0 ± 0.3
D
0.6 ± 0.05
E
7.62 ± 0.5
Working Temperature (°C)
-10 ~ +70
Rated Wattage at 70°C (W)
0.25
Maximum Working Voltage (V)
250
Nominal Resistance Range (Ω)
10 ~ 5M
1K ~ 1M
Nominal Resistance Tolerance (%)
A2(±0.02), A5(±0.05), B(±0.1)
T(±0.01), A2(±0.02), A5(±0.05),B(±0.1)
Temperature Coefficient (ppm/°C)
[TCR: +25°C ~ +85°C]
C9(±3), C7(±5),
C6(±10),C5(±15), C3(±25)
C10(±2), C9(±3), C7(±5),
C6(±10), C5(±15), C3(±25)
Remark: 1. Customer can specify Tolerance and Temperature Coefficient range to meet your own needs.
2. It can be required to Token’s representatives if customer’s requirement beyonds the range of Token’s specifications.
Version 2010
UPR Extra Precision Network Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com