Electronic Components Datasheet Search
  English  ▼

X  

4752 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4752
Description  Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4752 Datasheet(HTML) 2 Page - Schurter Inc.

  4752 Datasheet HTML 1Page - Schurter Inc. 4752 Datasheet HTML 2Page - Schurter Inc. 4752 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Distribution Units
4752
www.schurter.com/pg07_
Connectors
Dimensions
Quadbloc 4752
Panel cut-out 96,2 x 32,5 mm, corner radius max. 1 mm
Variants
Panel Thickness
s [mm]
Terminal
Length [mm]
Order Number
1
Quick connect terminals 6.3 x 0.8 mm
100
4752.3200
1.2
Quick connect terminals 6.3 x 0.8 mm
100
4752.8200
1.5
Quick connect terminals 6.3 x 0.8 mm
100
4752.4200
2
Quick connect terminals 6.3 x 0.8 mm
100
4752.5200
2.5
Quick connect terminals 6.3 x 0.8 mm
100
4752.6200
3
Quick connect terminals 6.3 x 0.8 mm
100
4752.7200
1
Solder terminals 4 x 0.8 mm
100
4752.3400
1.2
Solder terminals 4 x 0.8 mm
100
4752.8400
1.5
Solder terminals 4 x 0.8 mm
100
4752.4400
2
Solder terminals 4 x 0.8 mm
100
4752.5400
2.5
Solder terminals 4 x 0.8 mm
100
4752.6400
3
Solder terminals 4 x 0.8 mm
100
4752.7400
1
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.3000
1.2
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.8000
1.5
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.4000
2
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.5000
2.5
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.6000
3
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
100
4752.7000
Pleasenote,allquadblocsareavailableinprotection-classIIuponrequest.
Cordretainingclampseeaccessories
Packaging unit
50Pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com