Electronic Components Datasheet Search
  English  ▼

X  

2PB710A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PB710A
Description  PNP general purpose transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB710A Datasheet(HTML) 3 Page - NXP Semiconductors

  2PB710A Datasheet HTML 1Page - NXP Semiconductors 2PB710A Datasheet HTML 2Page - NXP Semiconductors 2PB710A Datasheet HTML 3Page - NXP Semiconductors 2PB710A Datasheet HTML 4Page - NXP Semiconductors 2PB710A Datasheet HTML 5Page - NXP Semiconductors 2PB710A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999 May 31
3
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PB710A
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −60 V
−
−10
nA
IE = 0; VCB = −60 V; Tj = 150 °C
−
−5
μA
IEBO
emitter cut-off current
IC = 0; VEB = −5 V
−
−10
nA
hFE
DC current gain
IC = −150 mA; VCE = −10 V; note 1
2PB710AQ
85
170
2PB710AR
120
240
2PB710AS
170
340
DC current gain
IC = −500 mA; VCE = −10 V; note 1
40
−
VCEsat
collector-emitter saturation voltage IC = −300 mA; IB = −30 mA; note 1
−
−600
mV
VBEsat
base-emitter saturation voltage
IC = −300 mA; IB = −30 mA; note 1
−
−1.5
V
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz
−
15
pF
fT
transition frequency
IC = −50 mA; VCE = −10 V;
f = 100 MHz; note 1
2PB710AQ
100
−
MHz
2PB710AR
120
−
MHz
2PB710AS
140
−
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com