Electronic Components Datasheet Search
  English  ▼

X  

2PC4081R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PC4081R
Description  NPN general-purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PC4081R Datasheet(HTML) 1 Page - NXP Semiconductors

  2PC4081R Datasheet HTML 1Page - NXP Semiconductors 2PC4081R Datasheet HTML 2Page - NXP Semiconductors 2PC4081R Datasheet HTML 3Page - NXP Semiconductors 2PC4081R Datasheet HTML 4Page - NXP Semiconductors 2PC4081R Datasheet HTML 5Page - NXP Semiconductors 2PC4081R Datasheet HTML 6Page - NXP Semiconductors 2PC4081R Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
NPN transistor in a SOT323 (SC-70) plastic package. The PNP complement is 2PA1576.
1.2 Features
Low current (max. 150 mA)
Low voltage (max. 50 V)
1.3 Applications
General-purpose switching
Small signal amplification
2.
Pinning information
3.
Ordering information
2PC4081
NPN general-purpose transistor
Rev. 06 — 17 November 2009
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1base
2emitter
3
collector
12
3
sym021
3
2
1
Table 2.
Ordering information
Type number
Package
Name
Description
Version
2PC4081Q
SC-70
plastic surface mounted package; 3 leads
SOT323
2PC4081R
2PC4081S


Similar Part No. - 2PC4081R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PC4081R PHILIPS-2PC4081R Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 08
logo
Nexperia B.V. All right...
2PC4081R NEXPERIA-2PC4081R Datasheet
207Kb / 7P
NPN general-purpose transistor
1 January 2023
2PC4081R NEXPERIA-2PC4081R Datasheet
285Kb / 7P
NPN general-purpose transistor
Rev. 06 - 17 November 2009
2PC4081R-Q NEXPERIA-2PC4081R-Q Datasheet
188Kb / 9P
NPN general-purpose transistor
20 January 2022
2PC4081R-QX NEXPERIA-2PC4081R-QX Datasheet
285Kb / 7P
NPN general-purpose transistor
Rev. 06 - 17 November 2009
More results

Similar Description - 2PC4081R

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com