Electronic Components Datasheet Search
  English  ▼

X  

2PD601A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2PD601A
Description  NPN general purpose transistors; 50 V, 100 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601A Datasheet(HTML) 5 Page - NXP Semiconductors

  2PD601A Datasheet HTML 1Page - NXP Semiconductors 2PD601A Datasheet HTML 2Page - NXP Semiconductors 2PD601A Datasheet HTML 3Page - NXP Semiconductors 2PD601A Datasheet HTML 4Page - NXP Semiconductors 2PD601A Datasheet HTML 5Page - NXP Semiconductors 2PD601A Datasheet HTML 6Page - NXP Semiconductors 2PD601A Datasheet HTML 7Page - NXP Semiconductors 2PD601A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2004 Feb 12
5
NXP Semiconductors
Product data sheet
NPN general purpose transistors; 50 V,
100 mA
2PD601A series
PACKAGE OUTLINES
UNIT
A1
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.35
0.26
0.10
3.1
2.7
1.7
1.3
0.95
e
1.9
3.0
2.5
0.33
0.23
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
SOT346
TO-236
SC-59A
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.3
1.0
0.1
0.013
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT346
04-11-11
06-03-16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com