Electronic Components Datasheet Search
  English  ▼

X  

74ABT623 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT623
Description  Octal transceiver with dual enable; non-inverting; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT623 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT623 Datasheet HTML 1Page - NXP Semiconductors 74ABT623 Datasheet HTML 2Page - NXP Semiconductors 74ABT623 Datasheet HTML 3Page - NXP Semiconductors 74ABT623 Datasheet HTML 4Page - NXP Semiconductors 74ABT623 Datasheet HTML 5Page - NXP Semiconductors 74ABT623 Datasheet HTML 6Page - NXP Semiconductors 74ABT623 Datasheet HTML 7Page - NXP Semiconductors 74ABT623 Datasheet HTML 8Page - NXP Semiconductors 74ABT623 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74ABT623_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 October 2009
2 of 15
NXP Semiconductors
74ABT623
Octal transceiver with dual enable; non-inverting; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT623D
−40 °Cto+85 °C
SO20
plastic small outline package; 20 leads; body width 7.5 mm SOT163-1
74ABT623DB
−40 °Cto+85 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74ABT623PW
−40 °Cto+85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
OEAB
001aaa844
OE
BA
1
18
B
0
19
17
B
1
A
0
A
1
2
3
16
B
2
15
B
3
A
2
A
3
4
5
14
B
4
13
B
5
A
4
A
5
6
7
12
B
6
11
B
7
A
6
A
7
8
9
EN1
EN2
18
2
3
4
5
6
7
8
9
001aaa833
2
1
19
1
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com