Electronic Components Datasheet Search
  English  ▼

X  

FCX617 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX617
Description  NPN SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX617 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX617 Datasheet HTML 1Page - Zetex Semiconductors FCX617 Datasheet HTML 2Page - Zetex Semiconductors FCX617 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
15
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
15
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off
Current
ICBO
0.3
100
nA
VCB=10V
Emitter Cut-Off
Current
IEBO
0.3
100
nA
VEB=4V
Collector Emitter
Cut-Off Current
ICES
0.3
100
nA
VCES=10V
Collector-Emitter
Saturation Voltage
VCE(sat)
8
70
150
14
100
230
300
400
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
IC=4A, IB=50mA*
IC=5A, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.89
1.0
V
IC=3A, IB=50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
0.82
1.0
V
IC=3A, VCE=2V*
Static Forward
Current Transfer
Ratio
hFE
200
300
200
150
415
450
320
240
80
IC=10mA, VCE=2V*
IC=200mA, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
IC=12A, VCE=2V*
Transition
Frequency
fT
80
120
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
30
40
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
120
ns
VCC=10V, IC=3A
IB1=IB2=50mA
Turn-Off Time
t(off)
160
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX617



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com