Electronic Components Datasheet Search
  English  ▼

X  

FCX705 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FCX705
Description  120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX705 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FCX705 Datasheet HTML 1Page - Zetex Semiconductors FCX705 Datasheet HTML 2Page - Zetex Semiconductors FCX705 Datasheet HTML 3Page - Zetex Semiconductors FCX705 Datasheet HTML 4Page - Zetex Semiconductors FCX705 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCX705
ISSUE 2 - AUGUST 2001
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SUMMARY
DESCRIPTION
This new NPN Darlington transistor provides users with very efficeint
performance combining low VCE (sat) and very high Hfe to give extremely low
on state losses at 120V operation. This makes it deal for use in a variety of
efficient driving functions including motors, lamps relays and solenoids and
will also benefit circuits requiring high output current switching.
FEATURES
• Low Saturation Voltage
• Hfe min 3K @ 1A
• I
C= -2A Continuous
• SOT89 package with Ptot - 1W
• Specification is also available in Eline and SOT223 package outlines
APPLICATIONS
• Various driving functions
- Lamps
- Motors
- Relays and solenoids
• High output current switches
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
FCX705TA
7
12mm embossed
1000 units
DEVICE MARKING
705
Top View
1
SOT 89
B
C
E
VCEO=120V; VCE(sat)= 1.3V; IC= 1A
C
B
C
E


Similar Part No. - FCX705

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
DECEMBER 2002
logo
Zetex Semiconductors
FCX705TA ZETEX-FCX705TA Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX705TA DIODES-FCX705TA Datasheet
135Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
DECEMBER 2002
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results

Similar Description - FCX705

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
DECEMBER 2002
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
120V NPN DARLINGTON TRANSISTOR IN SOT223
Rev 5
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com