Electronic Components Datasheet Search
  English  ▼

X  

FCX717 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX717
Description  PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX717 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX717 Datasheet HTML 1Page - Zetex Semiconductors FCX717 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V
(BR)CBO
-12
-35
V
I
C=-100µA
Collector-Emitter
Breakdown Voltage
V
(BR)CEO
-12
-25
V
I
C=-10mA*
Emitter-Base
Breakdown Voltage
V
(BR)EBO
-5
-8.5
V
I
E=-100µA
Collector Cut-Off
Current
I
CBO
-100
nA
V
CB=-10V
Emitter Cut-Off Current
I
EBO
-100
nA
V
EB=-4V
Collector Emitter
Cut-Off Current
I
CES
-100
nA
V
CES=-10V
Collector-Emitter
Saturation Voltage
V
CE(sat)
-12
-110
-230
-20
-150
-320
mV
mV
mV
I
C=-0.1A, IB=-10mA*
I
C=-1A, IB=-10mA*
I
C=-3A, IB=-50mA*
Base-Emitter
Saturation Voltage
V
BE(sat)
-0.92
-1.05
V
I
C=-3A, IB=-50mA*
Base-Emitter Turn-On
Voltage
V
BE(on)
-0.85
-1.0
V
I
C=-3A, VCE=-2V*
Static Forward Current
Transfer
Ratio
h
FE
300
300
160
60
45
475
450
240
100
70
I
C=-10mA, VCE=-2V*
I
C=-0.1A, VCE=-2V*
I
C=-3A, VCE=-2V*
I
C=-8A, VCE=-2V*
I
C=-10A, VCE=-2V*
Transition
Frequency
f
T
80
110
MHz
I
C=-50mA, VCE=-10V
f=100MHz
Output Capacitance
C
obo
21
30
pF
V
CB=-10V, f=1MHz
Turn-On Time
t
(on)
70
ns
V
CC=-6V, IC=-2A
I
B1=IB2=50mA
Turn-Off Time
t
(off)
130
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX717



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com