Electronic Components Datasheet Search
  English  ▼

X  

EC52 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # EC52
Description  EC cores and accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EC52 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  EC52 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EC52 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ferroxcube
EC cores and accessories
EC52
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
MOUNT
FIGURE
TYPE NUMBER
Insertable pins
solderability:
“IEC 68-2-20”, Part 2,
Test Ta, method 1
material: copper-zinc alloy (CuZn),
tin-lead alloy (SnPb) plated
general
3
PIN-EC
horizontal
4
PIN/H-EC
vertical
5
PIN/V-EC52
Clamp
copper-zinc alloy (CuZn)
5
CLM/U-EC52
Base plate 4 holes aluminium
5
BPL4-EC52
handbook, halfpage
1.6 2.35
15.8
3.15
0.6
MGB545
Fig.3 EC pin; general mount.
Dimensions in mm.
handbook, halfpage
MGB546
15.5
0.5
3.1 1.5
1.5 2.35
0.25
Fig.4 EC pin; horizontal mount.
Dimensions in mm.
handbook, halfpage
1.6 3.1
0.5
18.7
8.5
2.85
MGB548
Fig.5 EC52 pin; vertical mount.
Dimensions in mm.
handbook, halfpage
MGB538
57.2
12.7
min
Ø 2.9
6-32 NC 2A
THD 2 PLACES
48.9
Fig.6 EC52 clamp.
Dimensions in mm.


Similar Part No. - EC52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC52 ETC2-EC52 Datasheet
132Kb / 3P
SHORT WAVE TRIODE
logo
DFI Inc
EC520-HD DFI-EC520-HD Datasheet
893Kb / 4P
Modular-Designed Embedded System
EC520-HD6040 DFI-EC520-HD6040 Datasheet
893Kb / 4P
Modular-Designed Embedded System
EC521-HD6040 DFI-EC521-HD6040 Datasheet
893Kb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLA-E30 ETC1-CLA-E30 Datasheet
113Kb / 8P
E CORES AND ACCESSORIES
EC70 ETC2-EC70 Datasheet
49Kb / 6P
EC cores and accessories
logo
Ferroxcube Internationa...
CP-EC35-1S FERROXCUBE-CP-EC35-1S Datasheet
27Kb / 1P
EC cores and accessories
CP-EC41-1S FERROXCUBE-CP-EC41-1S Datasheet
27Kb / 1P
EC cores and accessories
CP-EC52-1S FERROXCUBE-CP-EC52-1S Datasheet
27Kb / 1P
EC cores and accessories
CP-EC70-1S FERROXCUBE-CP-EC70-1S Datasheet
28Kb / 1P
EC cores and accessories
CSH-EC35-1S-11PD-A FERROXCUBE-CSH-EC35-1S-11PD-A Datasheet
37Kb / 1P
EC cores and accessories
EC35 FERROXCUBE-EC35 Datasheet
52Kb / 2P
EC cores and accessories
EC41 FERROXCUBE-EC41 Datasheet
51Kb / 2P
EC cores and accessories
EC70 FERROXCUBE-EC70 Datasheet
51Kb / 2P
EC cores and accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com