Electronic Components Datasheet Search
  English  ▼

X  

FCX718 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FCX718
Description  PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX718 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FCX718 Datasheet HTML 1Page - Zetex Semiconductors FCX718 Datasheet HTML 2Page - Zetex Semiconductors FCX718 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT89 PNP SILICON POWER
(SWITCHING) TRANSISTOR
ISSSUE 1 - DECEMBER 1998
FEATURES
*
2W POWER DISSIPATION
*
6A Peak Pulse Current
*
Excellent H
FE Characteristics up to 6Amps
*
Extremely Low Saturation Voltage E.g. 16mv Typ.
*
Extremely Low Equivalent On-resistance;
R
CE(sat) 96mΩ at 2.5A
Partmarking Detail -
718
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current **
ICM
-6
A
Continuous Collector Current
IC
-2.5
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C
Ptot
1 †
2 ‡
W
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
†
recommended Ptot calculated using FR4 measuring 15x15x0.6mm
‡
Maximum power dissipation is calculated assuming that the device is mounted on FR4
substrate measuring 40x40x0.6mm and using comparable measurement methods adopted by
other suppliers.
**Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
Refer to the handling instructions for soldering surface mount components.
C
B
C
E
FCX718


Similar Part No. - FCX718

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX718 KEXIN-FCX718 Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX718 DIODES-FCX718 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX718TA DIODES-FCX718TA Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
More results

Similar Description - FCX718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR?
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
PNP Silicon Power Switching Transistor
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
FCX1151A KEXIN-FCX1151A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com