Electronic Components Datasheet Search
  English  ▼

X  

SMCJLCE Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SMCJLCE
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMCJLCE Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SMCJLCE Datasheet HTML 1Page - EIC discrete Semiconductors SMCJLCE Datasheet HTML 2Page - EIC discrete Semiconductors SMCJLCE Datasheet HTML 3Page - EIC discrete Semiconductors SMCJLCE Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJLCE SERIES
LOW CAPACITANCE
TRANSIENT VOLTAGE
VWM : 6.5 - 170 Volts
SUPPRESSOR
PPP : 1500 Watts
FEATURES :
* 1500 Watts of Peak Pulse Power Dissipation
* Available in stand-off voltage range of 6.5 to 170 V
* Low Capacitance of 100 pF or less
* Molding compound flammability rating : UL94V-O
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
except Bipolar.
* Mounting position : Any
* Weight : 0.21 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
μs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75 °C
Lead Lengths 0.375", (9.5mm) (Note 2)
Thermal Resistance (Junction to Lead)
°C/W
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 4
Rev. 03 : April 22, 2009
W
PD
5.0
W
RӨJL
20
PPP
1500
SMC (DO-214AB)
Dimensions in millimeter
0.2
± 0.07
2.3
± 0.2
5.8
± 0.15
3.0
± 0.2
1.1 ± 0.3
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - SMCJLCE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJLCE10 MICROSEMI-SMCJLCE10 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMCJLCE10 ETC2-SMCJLCE10 Datasheet
424Kb / 5P
Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJLCE100 MICROSEMI-SMCJLCE100 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMCJLCE100 ETC2-SMCJLCE100 Datasheet
424Kb / 5P
Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJLCE100A MICROSEMI-SMCJLCE100A Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJLCE

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 MDE-SAC5.0 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com