Electronic Components Datasheet Search
  English  ▼

X  

EP7 Datasheet(PDF) 6 Page - Ferroxcube International Holding B.V.

Part # EP7
Description  EP cores and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP7 Datasheet(HTML) 6 Page - Ferroxcube International Holding B.V.

  EP7 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2008 Sep 01
679
Ferroxcube
EP cores and accessories
EP7
General data CSH-EP7-1S-6P-B
Winding data and area product for 4 and 6-pins EP7 coil former
PARMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41429(M)
Pin material
copper clad steel, tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
4.3
3.4
17.7
46.0
CSH-EP7-1S-6P-BZ
1
4.3
3.4
17.7
46.0
CSH-EP7-1S-4P-BZ
Fig.3 EP7 coil former: 6-pins.
Dimensions in mm.
handbook, full pagewidth
2
1.9
1
2.54
8.5 max.
0.6
4.85
0.6
10.7 max.
5.08
CBW260
1
+0.15
0
4.4
0
−0.1
7
0
−0.1
3.5 +
0.05
0
∅1
0.45



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com