Electronic Components Datasheet Search
  English  ▼

X  

FLLD258 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FLLD258
Description  SILICON PLANAR LOW LEAKAGE COMMON CATHODE DIODE PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FLLD258 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FLLD258 Datasheet HTML 1Page - Zetex Semiconductors FLLD258 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 SILICON PLANAR LOW LEAKAGE
COMMON CATHODE DIODE PAIR
ISSUE 2 – SEPTEMBER 1995 7
PART MARKING DETAIL – D58
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IF(AV)
250
mA
Non-Repetitive Peak Forward Current (t=1µs) IFSM
3.0
A
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Reverse Current
IR
3
5
nA
µ
A
VRRM=50V
VRRM=100V, Tamb=150°C
Reverse Recovery Time*
trr
400
ns
IF= IR=50 – 400mA
Forward Recovery Time
tfr
10
ns
IF=10mA
Diode Capacitance
Cd
4pF
VR=1V, f=1MHz
Forward Overshoot Voltage Vfr
Typ
0.9
V
IF=10mA,
Rise time=5ns ±20%
Forward Voltage
VF
1.4
V
IF=-200mA
*Time for IR to recover to 10% of IR peak
For typical characteristics graphs see FLLD263 datasheet.
SOT23
FLLD258
1
23
1
3
2
3 - 96


Similar Part No. - FLLD258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLLD258 ETC2-FLLD258 Datasheet
116Kb / 2P
SOT23 SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
More results

Similar Description - FLLD258

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D654 PANASONIC-MA3D654 Datasheet
45Kb / 2P
Silicon planar type (cathode common)
logo
Zetex Semiconductors
FLLD261 ZETEX-FLLD261 Datasheet
110Kb / 2P
SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
FLLD263 ZETEX-FLLD263 Datasheet
77Kb / 2P
SILICON PLANAR LOW LEAKAGE COMMON ANODE DIODE PAIR
logo
Siemens Semiconductor G...
BAV170 SIEMENS-BAV170 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
logo
Zetex Semiconductors
FMMD2838 ZETEX-FMMD2838 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD6100 ZETEX-FMMD6100 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2837 ZETEX-FMMD2837 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
logo
List of Unclassifed Man...
FLLD261TA ETC2-FLLD261TA Datasheet
116Kb / 2P
SOT23 SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
logo
Nexperia B.V. All right...
BAV170QA NEXPERIA-BAV170QA Datasheet
683Kb / 12P
Dual common cathode low-leakage diode
BAV170M NEXPERIA-BAV170M Datasheet
678Kb / 11P
Dual common cathode low-leakage diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com