Electronic Components Datasheet Search
  English  ▼

X  

FMMT458 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT458
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT458 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT458 Datasheet HTML 1Page - Zetex Semiconductors FMMT458 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – OCTOBER 1995
FEATURES
* 400 Volt VCEO
COMPLEMENTARY TYPE –
FMMT558
PARTMARKING DETAIL –
458
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
225
mA
Peak Pulse Current
ICM
1A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
400
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO(sus)
400
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
100
nA
VCB=320V
Collector Cut-Off Current
ICES
100
nA
VCE=320V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.2
0.5
V
V
IC=20mA, IB=2mA*
IC=50mA, IB=6mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=50mA, IB=5mA*
Base-Emitter
Turn On Voltage
VBE(on)
0.9
V
IC=50mA, VCE=10V*
Static Forward
Current Transfer Ratio
hFE
100
100
15
300
IC=1mA, VCE=10V
IC=50mA, VCE=10V*
IC=100mA, VCE=10V*
Transition Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Collector-Base
Breakdown Voltage
Cobo
5pF
VCB=20V, f=1MHz
Switching times
ton
toff
135 Typical
2260 Typical
ns
ns
IC=50mA, VCC=100V
IB1=5mA, IB2=-10mA
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
FMMT458
C
B
E
SOT23
3 - 113
3 - 112
FMMT458
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
I+ -
Collector Current (Amps)
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
IC/IB=50
IC/IB=10
VCE=10V
VCE=10V
300
200
100
V+- -
Collector Voltage (Volts)
Safe Operating Area
100
110
0.001
0.01
0.1
1.0
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.001
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
IC/IB=10
0.001
0.001
IC/IB=20
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
IC/IB=10
0.001
1000


Similar Part No. - FMMT458

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT458 KEXIN-FMMT458 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
Galaxy Semi-Conductor H...
FMMT458 BILIN-FMMT458 Datasheet
180Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
First Components Intern...
FMMT458 FCI-FMMT458 Datasheet
155Kb / 1P
NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
More results

Similar Description - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com