Electronic Components Datasheet Search
  English  ▼

X  

ER51 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ER51
Description  Planar ER cores and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER51 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ER51 Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER51 Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER51 Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER51 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
2
Ferroxcube
Planar ER cores and accessories
ER51/10/38
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.209
mm−1
Ve
effective volume
25800
mm3
Ie
effective length
73.5
mm
Ae
effective area
351
mm2
Amin
minimum area
314
mm2
m
mass of core half
≈ 74.7
g
MFP219
R0.25 max (4x)
4.95
± 0.15
10.16
± 0.15
20
± 0.4
A
R2.0 (8x)
5˚
3 +
0.3
− 0
R1.0
(2x)
Section A-A
38.1
± 0.7
A
4.4 min (2x)
41.8
± 0.8
51
± 1.0
Fig.1 ER51/10/38 core half.
Dimensions in mm.
Core halves for general purpose transformers and power applications
Clamping force for AL measurements, 150
± 25 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
8100
± 25 %
≈ 1350
≈ 0
ER51/10/38-3C92
3C93
9400
± 25 %
≈ 1570
≈ 0
ER51/10/38-3C93
3C95
14230
± 25 %
≈ 2370
≈ 0
ER51/10/38-3C95
3C96
10200
± 25 %
≈ 1700
≈ 0
ER51/10/38-3C96
3F3
10200
± 25 %
≈ 1700
≈ 0
ER51/10/38-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T=25
°C
f= 100 kHz;
= 200 mT;
T=100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
f = 500 kHz;
=50 mT;
T = 100
°C
3C92
≥ 370
≤ 2.5
−≤ 15.2
−−
3C93
≥ 320
≤ 2.5 (1)
1.
Measured at 140
°C.
−≤ 15.2 (1)
−−
3C95
≥ 320
−≤ 17.9
≤ 17
−−
3C96
≥ 340
≤ 1.68
−≤ 11.2
−≤ 10.5
3F3
≥ 300
≤ 3.2
−−
≤ 5.0
−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com