Electronic Components Datasheet Search
  English  ▼

X  

P14 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # P14
Description  P cores and accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P14 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  P14 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P14 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P14 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2004 Sep 01
9
Ferroxcube
P cores and accessories
P14/8
MOUNTING PARTS
General data for mounting parts
ITEM
REMARKS
FIGURE
TYPE NUMBER
Tag plate
material: phenolformaldehyde (PF), glass reinforced
7
TGP-P14/8-C
flame retardant: in accordance with “UL 94V-0” ;
UL file number E41429
maximum operating temperature: 180
°C, “IEC 60085”, class H
pins: copper-tin alloy (CuSn), tin (Sn) plated
resistance to soldering heat in accordance with
“IEC 60 068-2-20”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
solderability in accordance with “IEC 60068-2-20”, Part 2,
Test Ta, method 1: 235
°C, 2 s
Container
copper-zinc alloy (CuZn), tin (Sn) plated
8
CON-P14/8
earth pins: presoldered
Spring
CrNi-steel
9
SPR-P14/8
spring force:
≈60 N when mounted
Clamp
spring steel, tin-plated
10
CLM/TP-P14/8
Washer
phenolformaldehyde (PF)
11
WAS-CLM/TP-P14/8
2.1
6
1.5
5.08
5.08
10.16
mark
15.7 max.
3.5
∅0.8
2.54
CBW602
1.3 +
0.15
0
Fig.7 Tag plate: TGP-P14/8-C.
Dimensions in mm.


Similar Part No. - P14

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
For isolated power modules
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
P cores and accessories
logo
Schneider Electric
P14 SCHNEIDER-P14 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Innovative Sensor Techn...
P14 IST-P14 Datasheet
808Kb / 5P
Capacitive Humidity Sensor Optimal for weather balloons and radio sondes
P14 RAPID-W IST-P14 RAPID-W Datasheet
808Kb / 5P
Capacitive Humidity Sensor Optimal for weather balloons and radio sondes
More results

Similar Description - P14

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P7-1S-A FERROXCUBE-CP-P7-1S-A Datasheet
79Kb / 1P
P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
P cores and accessories
P11I FERROXCUBE-P11I Datasheet
49Kb / 4P
P cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
P cores and accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com