Electronic Components Datasheet Search
  English  ▼

X  

FMMT494 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT494
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT494 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT494 Datasheet HTML 1Page - Zetex Semiconductors FMMT494 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
PARTMARKING DETAIL –
494
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Peak Pulse Current
ICM
2A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
140
V
IC=100µA
VCEO(sus)
120
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Currents
ICBO
100
nA
VCB=120V
ICES
100
nA
VCE=120V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.2
0.3
V
V
IC=250mA, IB=25mA*
IC=500mA, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=500mA, IB=50mA*
Base-Emitter
Turn On Voltage
VBE(on)
1.0
V
IC=500mA, VCE=10V*
Static Forward Current
Transfer Ratio
hFE
100
100
60
20
300
IC=1mA, VCE=10V*
IC=250mA, VCE=10V*
IC=500mA, VCE=10V*
IC=1A, VCE=10V*
Transition Frequency
fT
100
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT494
C
B
E
3 - 122
3 - 121
FMMT494
10A
1A
10mA
100mA
1mA
-55 °C
+25 ° C
+100 ° C
I+/I*=10
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
40
0
120
80
160
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
0.6
0.8
1.0
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
1mA
0
0.1
100mA
10mA
+25 ° C
0.2
0.3
0.4
I+/I*=10
10A
1A
0.4
+100 ° C
-55 ° C
+25 ° C
+100 ° C
-55 ° C
+25 °C
-55 ° C
+25 ° C
+100 ° C
I+/I*=10
V+-=10V
V+-=10V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0
0.1
0.3
0.2
1mA
0.01
I+/I*=50
200
240
280
0.001
1000
TYPICAL CHARACTERISTICS


Similar Part No. - FMMT494

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT494 KEXIN-FMMT494 Datasheet
36Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FMMT494 DIODES-FMMT494 Datasheet
131Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT494 DIODES-FMMT494 Datasheet
386Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 5
FMMT494Q DIODES-FMMT494Q Datasheet
385Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 1
FMMT494QTA DIODES-FMMT494QTA Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT494

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com