Electronic Components Datasheet Search
  English  ▼

X  

FMMT493ATC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # FMMT493ATC
Description  60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT493ATC Datasheet(HTML) 3 Page - Zetex Semiconductors

  FMMT493ATC Datasheet HTML 1Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 2Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 3Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 4Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 5Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT493A
ISSUE 1 - OCTOBER 2001
3
1m
10m
100m
1
1
0m
100m
1m
10m
100m
1
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1m
10m
100m
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
1000
1200
1400
V
CE(SAT)
vI
C
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT)
vI
C
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE
vI
C
V
CE
=10V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT)
vI
C
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON)
vI
C
V
CE
=10V
100°C
25°C
-55°C
I
C
Collector Current (A)
ELECTRICAL CHARACTERICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com