Electronic Components Datasheet Search
  English  ▼

X  

PTS30 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PTS30
Description  PT, PTS, PTS/I cores and accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS30 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PTS30 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS30 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS30 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1074
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS30/19/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.412
mm−1
Ve
effective volume
5940
mm3
Ie
effective length
49.5
mm
Ae
effective area
120
mm2
Amin
minimum area
111
mm2
m
mass of set
≈ 31
g
Fig.1 PTS30/19/I core set.
Dimensions in mm.
17.8 min
20.3
± 0.25
13.2
± 0.2
MFP058
18.8
± 0.2
13.3
± 0.2
25.4
± 0.4
30
± 0.5
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 60
± 20 N.
Properties of core sets under power conditions
BOBBINS AND ACCESSORIES
For coil formers, winding data and mounting parts, see data sheet, “P30/19”.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
3830
± 25 %
≈ 1260
≈ 0
PTS30/19/I-3C92
3C94
5400
± 25 %
≈ 1770
≈ 0
PTS30/19/I-3C94
3C96
4840
± 25 %
≈ 1590
≈ 0
PTS30/19/I-3C96
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T=100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 500 kHz;
=50 mT;
T=100
°C
3C92
≥ 320
≤ 0.53
≤ 3.5
−
3C94
≥ 320
≤ 0.53
≤ 3.5
−
3C96
≥ 315
≤ 0.4
≤ 2.7
≤ 2.2
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com