Electronic Components Datasheet Search
  English  ▼

X  

PTS40 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PTS40
Description  PT, PTS, PTS/I cores and accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS40 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PTS40 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS40 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS40 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1080
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS40/27/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.346
mm−1
Ve
effective volume
14400
mm3
Ie
effective length
70.5
mm
Ae
effective area
204
mm2
Amin
minimum area
201
mm2
m
mass of set
≈ 66
g
Fig.1 PTS40/27/I core set.
Dimensions in mm.
20 min
28.3
± 0.35
19.7
± 0.3
MFP060
26.9
± 0.2
16
± 0.25
33.2 +
0.2
− 0.6
39.8 +
0.2
− 0.7
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 100
± 25 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
4740
± 25 %
≈ 1300
≈ 0
PTS40/27/I-3C92
3C94
6800
± 25 %
≈ 1870
≈ 0
PTS40/27/I-3C94
3C96
6060
± 25 %
≈ 1670
≈ 0
PTS40/27/I-3C96
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T=100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 500 kHz;
=50 mT;
T=100
°C
3C92
≥320
≤ 1.5
≤ 8.6
−
3C94
≥320
≤ 1.5
≤ 8.6
−
3C96
≥315
≤ 1.1
≤ 6.5
≤ 5.4
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com