Electronic Components Datasheet Search
  English  ▼

X  

FMMT560 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT560
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT560 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT560 Datasheet HTML 1Page - Zetex Semiconductors FMMT560 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 1 – NOVEMBER 1998
FEATURES
*
Excellent h
FE characterisristics up to IC=50mA
*
Low Saturation voltages
PARTMARKING DETAIL –
560
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-500
V
Collector-Emitter Voltage
VCEO
-500
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-500
mA
Continuous Collector Current
IC
-150
mA
Power Dissipation
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-500
V
IC=-100µA
Collector-Emitter Breakdown
Voltage
VBR(CEO)
-500
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO ; ICES
-100
nA
VCB=-500V; VCE=-500V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-5V
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.2
-0.5
V
V
IC=-20mA, IB=-2mA *
IC=-50mA, IB=-10mA *
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-50mA, IB=-10mA *
Base-Emitter Turn On Voltage
VBE(on)
-0.9
V
IC=-50mA, VCE=-10V *
Static Forward Current Transfer
Ratio
hFE
100
80
15 typ
300
300
IC=-1mA, VCE=-10V
IC=-50mA, VCE=-10V *
IC=-100mA, VCE =-10V*
Transition Frequency
fT
60
MHz
VCE=-20V, IC=-10mA,
f=50MHz
Output Capacitance
Cobo
8pF
VCB=-20V, f=1MHz
Switching times
ton
toff
110 typ.
1.5 typ.
ns
µs
VCE=-100V, IC=-50mA,
IB1=-5mA, IB2=10mA
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
C
B
E
FMMT560


Similar Part No. - FMMT560

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT560 DIODES-FMMT560 Datasheet
486Kb / 4P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
May 2009
logo
Texas Instruments
FMMT560 TI1-FMMT560 Datasheet
436Kb / 17P
A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Diodes Incorporated
FMMT560Q DIODES-FMMT560Q Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
FMMT560QTA DIODES-FMMT560QTA Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
FMMT560QTC DIODES-FMMT560QTC Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
More results

Similar Description - FMMT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST16 ZETEX-BST16 Datasheet
12Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
PNP Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
PNP Silicon Planar High Voltage Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com